|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Off-Line PC Mount Transformer ELECTRONICS INC. EPC3089-X * Single Primary : 115 V * Split Bobbin Construction * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * Meets or exceeds CSA/TUV/VDE Specifications for Creepage, Clearance and Dielectric Strength Electrical Parameters @ 25 C Part Number EPC3089-1 EPC3089-2 EPC3089-3 EPC3089-4 EPC3089-5 EPC3089-6 EPC3089-7 EPC3089-8 EPC3089-9 EPC3089-10 Primary Voltage 115 115 115 115 115 115 115 115 115 115 Secondary Voltage Parallel Series Connection Connection Secondary Current (A-Rms) Parallel Series Connection Connection 0.11 .090 0.70 0.55 0.45 0.04 0.03 0.023 0.02 0.01 Power Rating (VA) 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 1.1 0.22 10 5.0 0.58 12.6 6.3 0.14 16 8.0 0.11 20 10 0.09 24 12 0.08 28 14 0.06 36 18 0.046 48 24 0.04 56 28 0.02 120 60 * Switching Frequency : 50 Hz - 500 Hz * Isolation : 2500 Vrms * Package 1.370 (34.90) 1.120 (28.60) Pri. Schematic Sec. 5 6 7 8 4 .930 (23.80) 1 .280 (7.11) .250 (6.35) .041(1.04) .250 (6.35) .750 (19.05) 1 4 1.200 (30.50) Notes : 1. Optional Mounting Screws and Nut : None 2. Pins 2 and 3 omitted 5 6 7 8 Clearance Hole Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSC3089-X Rev. 7/15/02 TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPC3089-1 |